Part Number Hot Search : 
2N6111 M0365 31402 621501 250BZI 2SB1292 AS381 C1504
Product Description
Full Text Search
 

To Download NET-35D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification model net-35a dc voltage rated current current range note.6 rated power output voltage adj. range setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) ac current (typ.) input inrush current (typ.) leakage current safety standards harmonic current ems immunity working temp. working humidity storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage 5v 3a 0.5 ~ 4a 29.5w 80mvp-p ch1:4.75 ~ 5.5v 2.0% 0.5% 1.5% 500ms, 30ms/230vac 1200ms, 30ms/115vac at full load 50ms/230vac 10ms/115vac at full load 85 ~ 264vac 120 ~ 370vdc 47 ~ 63hz ch1: 5.75 ~ 6.75v 78% 0.75a/115vac 0.5a/230vac cold start 45a <2ma / 240vac 110 ~ 150% rated output power compliance to en55022 (cispr22) class b compliance to en61000-3-2,-3 compliance to en61000-4-2, 3, 4, 5, 6, 8,11, env50204, en55024, en61000 -6-1 light industry level, criteria a -20 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 45 ) 10 ~ 500hz, 2g 10min./1cycle, period for 60min. each along x, y, z axes 386.2khrs min. mil-hdbk-217f (25 ) authorized distributor: total power international, inc. toll free: 877-646-0900(us) ph# (978)453-7272 www.total-power.com 99*97*36mm (l*w*h) 0.36kg; 45pcs/17.2kg/0.93cuft 35w triple output switching power supply n e t- 3 5 s e r i e s withstand voltage isolation resistance i/p-o/p:3kvac i/p-fg:1.5kvac o/p-fg:0.5kvac i/p-o/p, i/p-fg, o/p-fg:100m ohms/500vdc environment safety & emc (note 6) protection emi conduction & radiation 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. line regulation is measured from low line to high line at rated load. 5. load regulation is measured from 20% to 100% rated load, and other output at 6 0% rated load. 6. each output can work within current range. but total output power can't ex ceed rated output power. 7. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still mee ts emc directives. ripple & noise (max.) note.2 voltage tolerance note.3 universal ac input / full range protections: short circuit / over load / over voltage cooling by free air convection 100% full load burn-in test 2 years warranty features : protection type : hiccup mode, recovers automatically after fault co ndition is removed protection type : shut down o/p voltage, re-power on to recover net-35b net-35c NET-35D 12v ch2 ch2 ch2 ch2 -5v ch3 ch3 ch3 ch3 12v -12v 15v -15v 12v 24v 5v 5v 5v 1a 0.5a 1a 0.5a 1a 0.5a 1a 0.5a 3a 2.5a 2.5a 0.1 ~ 1.5a 0.1 ~ 0.5a 0.1 ~ 1.5a 0.1 ~ 0.5a 0.1 ~ 1.5a 0.1 ~ 0.5a 0.1 ~ 1a 0.1 ~ 1a 0.5 ~ 4a 0.5 ~ 3.5a 0.5 ~ 3.5a 33w 35w 36.5w 120mvp-p 120mvp-p 120mvp-p 120mvp-p 150mvp-p 150mvp-p 120mvp-p 200mvp-p 80mvp-p 80mvp-p 80mvp-p ch1: 4.75 ~ 5.5v ch1: 4.75 ~ 5.5v ch1: 4.75 ~ 5.5v 6.0% 6.0% 6.0% 6.0% 8.0% 8.0% 8.0% 8.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 1.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 3.0% 2.0% 2.0% 2.0% 0.5% 1.5% 0.5% 1.5% 0.5% 1.5% 79% 79% 79% line regulation note.4 load regulation note.5 ch1 ch1 ch1 ch1 output number ul60950-1, cb(iec60950-1) approved
mechanical specification case no. 905 unit:mm authorized distributor: total power international, inc. toll free: 877-646-0900(us) ph# (978)453-7272 www.total-power.com terminal pin. no assignment pin no. pin no. 1 2 5 3 4 6 7 assignment assignment dc output +v2 dc output com dc output +v1 fg dc output v3 ac/l ac/n block diagram circuit detection o.l.p. emi filter rectifiers & filter power switch- filter filter filter & & & rectifiers rectifiers rectifiers +v1 +v2 v3 com i/p fg ing control o.v.p. output derating vs input voltage input voltage (vac) 60hz 85 100 95 120 115 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 fosc : 60khz 3.5 7 5.5 74 18 6.5 87 99 89 4.5 55 20.5 51.5 2-m3 3.5 3.5 3.5 2-m3 36 17.5 36 55.5 97 28 +v adj. 8.2 1 2 3 4 5 6 7 9.5 (horizontal) derating curve 35w triple output switching power supply n e t- 3 5 s e r i e s ambient temperature ( ) load (%) -20 0 20 10 30 40 20 40 80 60 100 60 50 70


▲Up To Search▲   

 
Price & Availability of NET-35D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X